PART |
Description |
Maker |
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
SC4000 |
Universal Timeslot Interchange Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
NXP Semiconductors Philips Semiconductors
|
SC4040ES SC4040ESK SC4040EZ SC4040DZ SC4040 SC4040 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Absolute, flush mount, 10 Vdc excitation 精密并联型电压基 PRECISION SHUNT VOLTAGE REFERENCE
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
AD1877JR AD1877 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Absolute, Cell with body o-ring, 10 Vdc excitation 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 Single-Supply 16-Bit Stereo ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
142PC05D97 |
PRESSURE TRANSDUCER
|
Honeywell Solid State E...
|
SC68C562_2 SC68C562 SC68C562C1 SC68C562C1N SC68C56 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Absolute, flush mount with flange, 10 Vdc excitation 2 CHANNEL(S), 8M bps, MULTI PROTOCOL CONTROLLER, PQCC52 CMOS dual universal serial communications controller (CDUSCC)(CMOS 双通用串行通信控制CDUSCC)) CMOS dual universal serial communications controller CDUSCC From old datasheet system
|
NXP Semiconductors N.V. Philips Semiconductors
|
M5154-000005-05KPG M5134-000005-01KPG M5134-000005 |
Heavy Industrial Pressure Transducer
|
Measurement Specialties
|
40PC150V1A 40PC001B1A 40PC001B2A 40PC001B3A 40PC00 |
Fully signal conditioned pressure transducer
|
Sensortechnics GmbH
|
HCXM350D6H HCXM350D6V HCXM100D6H HCXM100D6V HCX001 |
Fully signal conditioned pressure transducer
|
Sensortechnics GmbH
|
20710000PSIG |
Pressure Sensor, Transducer, 0 to 10000psi Range, Gage Type
|
Setra System
|
AD1376JD AD1376KD AD1377 AD1377JD AD1377KD AD1316 |
Complete High Speed 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converter 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/8-27 NPT, 10 Vdc excitation 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
|